Part Number Hot Search : 
P90CE201 EL7182 K4100 ANTXV2 CDRH4 2SB1368 SGW30N60 1N4744
Product Description
Full Text Search
 

To Download 08080100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  littelfuse.com commercial vehicle product datasheet 1 of 2 08080100 & 08080480 battery disconnect switches 150a ? spst ? ip65 ? m10 studs ? push and key to off specifcations max operating voltage: 24v dc max continuous current: 150a intermittent current: 1200a at 5 sec operating temp: -40 c to +85 c ingress protection: ip65 contacts: silver-plated copper terminals: m10 (brass nuts) applications ? racing cars ? fork-lift trucks ? transpallets ? water-crafts web resources download 2d print and technical resources at: littelfuse.com/manualbatteryswitches description manual battery disconnect switch features a push button for fast push to off operation in event of an emergency. rotate knob for on. switch status is indicated though a window on the top of the knob. manual battery disconnect switch features a key that can be turned counter-clockwise until one click is heard for the off position. turn counter-clockwise to the second position to completely remove the key. features/benefts ? 100-150a continuous current rating ? push to off feature for emergency situations ? highly visible bright red handle ? status window built-in the top of the knob ? waterproof and dustproof to ip65 for push-button, ip54 for key versions mounting diagram electrical diagram part number voltage amperage circuitry mounting ingress terminal nuts notes 08080100 12-24v dc 150a spst through-hole ip65 m10 brass push to off whit supplementary contact 08080200 12-24v dc 150a spst through-hole ip65 m10 brass push to off 08080300 12-24v dc 150a spst through-hole ip65 m10 brass key to off 08080380 12-24v dc 150a spst through-hole ip65 m10 brass key to off whit chain 08080400 12-24v dc 150a spst through-hole ip65 m10 brass key to off whit supplementary contact 08080480 12-24v dc 150a spst through-hole ip65 m10 brass key to off whit supplementary contact and chain 1 2 3 4 5 6 with supplementary contacts standard contacts 08080100 08080200 08080300 08080380 with chain 08080400 08080480 with chain ordering information littelfuse.com commercial vehicle product datasheet ? 2017 littelfuse commercial vehicle products rev:072817
littelfuse.com commercial vehicle product datasheet 2 of 2 dimensions in millimeters 08080100 & 08080480 battery disconnect switches visit littelfuse.com for the most up-to-date product information. littelfuse reserves the right to make product changes, without notice. material in this document is as accurate as known at the time of publication. 41 .2 39.7 8 .9 0 .8 9 .2 3 m 10 22 6 .3 3 .2 ? 24 .6 ? 60 .5 41 .2 39.7 8 .9 0 .8 9 .2 3 m 10 22 6 .3 3 .2 ? 24 .6 ? 60 .5 close contact open contact plugging in/pull out key 08080100 08080200 08080300 08080380 08080400 08080480 key versions push versions littelfuse.com commercial vehicle product datasheet ? 2017 littelfuse commercial vehicle products rev:072817


▲Up To Search▲   

 
Price & Availability of 08080100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X